データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1675 データシート(PDF) 5 Page - STMicroelectronics

部品番号 TDA1675
部品情報  VERTICAL DEFLECTION CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1675 データシート(HTML) 5 Page - STMicroelectronics

  TDA1675 Datasheet HTML 1Page - STMicroelectronics TDA1675 Datasheet HTML 2Page - STMicroelectronics TDA1675 Datasheet HTML 3Page - STMicroelectronics TDA1675 Datasheet HTML 4Page - STMicroelectronics TDA1675 Datasheet HTML 5Page - STMicroelectronics TDA1675 Datasheet HTML 6Page - STMicroelectronics TDA1675 Datasheet HTML 7Page - STMicroelectronics TDA1675 Datasheet HTML 8Page - STMicroelectronics TDA1675 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TYPICAL PERFORMANCE
Symbol
Parameter
Value
Unit
VS
Minimum supply voltage
25
V
IS
Supply current
140
mA
tFLY
Flyback time
0.7
ms
tBLKG
Banking time
1.4
ms
fO
Free running frequency
43.5
Hz
* PTOT
Power dissipation
2.4
W
* RTH(heatsink)
Thermal resistance of the heatsink
for Tamb = 60
oC and Tj max = 110oC
for Tamb = 60
oC and Tj max = 120oC
13
16
oC/W
oC/W
* Worst case condition.
R9
2.2
Ω
C7
0.22µF
R11
330
Ω
YOKE
R8
120
Ω
C8
47µF
10V
C9
1000µF
25V
R10
2%
R12
2.2
Ω
5%
*
R1
4.7k
Ω
1
2
13
14
15
12
7
8
9
10
11
100k
Ω
56k
Ω
R6
R5
390k
Ω
*
*
*
R4
150k
Ω
RT1
HEIGHT
100k
Ω
4
6
3
S1
SERVICE
SWITCH
R2
15k
Ω
5
0.1µF
C1
BLANKING
OUT
SYNC.
PULSE
IN
C2
35V
470µF
C3
0.1µF
R3
10k
Ω
1N4001
D1
220µF - 35V
C4
TDA 1675A
2.4k
Ω
R7
910
Ω
2%
LINEARITY
RT2
C5 0.1µF
C
o
7.5k
Ω
1%
R o
330nF
5%
C6
0.1µF
0.1µF
+V S
* The value depends on the characteristics of the CRT. The value shown is indicative only.
Figure 3 : Application Circuit for Small Scree 90
o CTV Set (Ry = 15
Ω ; Ly = 30 mH ; Iy = 0.82 APP)
TDA1675A
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11