| データシートサーチシステム |
|
TDA2030AH データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA2030AH データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 15 page ![]() Table 2 Comp. Recom. Value Purpose Larger than Recommended Value Smaller than Recommended Value R1 22k Ω Closed loop gain setting Increase of gain Decrease of gain R2 680 Ω Closed loop gain setting Decrease of gain (*) Increase of gain R3 22k Ω Non inverting input biasing Increase of input impedance Decrease of input impedance R4 1 Ω Frequency Stability Danger of oscillation at high frequencies with inductive loads R5 ≅ 3R2 Upper Frequency Cut-off Poor High Frequencies Attenuation Danger of Oscillation C1 1 µF Input DC Decoupling Increase of low frequencies cut-off C2 22 µF Inverting DC Decoupling Increase of low frequencies cut-off C3, C4 0.1 µF Supply Voltage Bypass Danger of Oscillation C5, C6 100 µF Supply Voltage Bypass Danger of Oscillation C7 0.22 µF Frequency Stability Larger Bandwidth C8 ≈ 1 2 πBR1 Upper Frequency Cut-off Smaller Bandwidth Larger Bandwidth D1, D2 1N4001 To protect the device against output voltage spikes Table 1 Mains (220V) Secondary Voltage DC Outpu t Voltage (Vo) Io =0 Io = 0.1A Io =1A + 20% 28.8V 43.2V 42V 37.5V + 15% 27.6V 41.4V 40.3V 35.8V + 10% 26.4V 39.6V 38.5V 34.2V – 24V 36.2V 35V 31V – 10% 21.6V 32.4V 31.5V 27.8V – 15% 20.4V 30.6V 29.8V 26V – 20% 19.2V 28.8V 28V 24.3V A regulated supply is not usually used for the power output stages because of its dimensioning must be done taking into account the power to supply in the signal peaks. They are only a small percentage of the total music signal, with consequently large overdimensioning of the circuit. Even if with a regulated supply higher output power can be obtained (VS is constant in all working condi- tions), the additional cost and power dissipation do not usually justify its use. Using non-regulated sup- plies, there are fewer designe restriction. In fact, when signal peaks are present, the capacitor filter acts as a flywheel supplying the required energy. In average conditions, the continuous power sup- plied is lower. The music power/continuous power ratio is greater in this case than for the case of regulated supplied, with space saving and cost reduction. (*) The value of closed loop gain must be higher than 24dB. APPLICATION SUGGESTION The recommended values of the components are those shown on application circuit of Figure 14. Different values can be used. The Table 2 can help the designer. SHORT CIRCUIT PROTECTION The TDA2030A has an original circuit which limits the current of the output transistors. This function can be considered as being peak power limiting rather than simple current limiting. It reduces the possibility that the device gets damaged during an accidental short circuit from AC output to ground. THERMAL SHUT-DOWN The presence of a thermal limiting circuit offers the following advantages: 1. An overload on the output (even if it is permanent), or an above limit ambient temperature can be easily supported since the Tj cannot be higher than 150 oC. 2. The heatsink can have a smaller factor of safety compared with that of a conventional circuit. There is no possibility of device damage due to high junction temperature. If for any reason, the junction temperature increases up to 150 oC, the thermal shut-down simply reduces the power dissipation and the current consumption. TDA2030A 13/15 |