| データシートサーチシステム |
|
M38041F3HKP データシート(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38041F3HKP データシート(HTML) 17 Page - Renesas Technology Corp |
|
17 / 387 page ![]() xiii 3804 Group (Spec.H) List of tables REJ09B0212-0100Z Rev.1.00 Jan 14, 2005 List of tables CHAPTER 1 HARDWARE Table 1 Support products ............................................................................................................ 1-2 Table 2 Pin description ................................................................................................................ 1-5 Table 3 Push and pop instructions of accumulator or processor status register ............... 1-9 Table 4 Set and clear instructions of each bit of processor status register ..................... 1-10 Table 5 I/O port function ........................................................................................................... 1-15 Table 6 Interrupt vector addresses and priority ..................................................................... 1-24 Table 7 Multi-master I2C-BUS interface functions .................................................................. 1-60 Table 8 Set values of I2C clock control register and SCL frequency ................................. 1-62 Table 9 START condition generating timing table ................................................................. 1-66 Table 10 STOP condition generating timing table ................................................................. 1-66 Table 11 START condition/STOP condition detecting conditions ........................................ 1-67 Table 12 Recommended set value to START/STOP condition set bits (SSC4–SSC0) for each oscillation frequency .................................................................................................. 1-68 Table 13 Summary of 3804 group (spec. H) ......................................................................... 1-80 Table 14 State of E/W inhibition function ............................................................................... 1-83 Table 15 List of software commands (CPU rewrite mode) .................................................. 1-85 Table 16 Definition of each bit in status register .................................................................. 1-87 Table 17 Description of pin function (Flash Memory Serial I/O Mode 1) .......................... 1-93 Table 18 Description of pin function (Flash Memory Serial I/O Mode 2) .......................... 1-93 Table 19 Interrupt sources, vector addresses and priority ................................................. 1-101 Table 20 Relative formula for a reference voltage VREF of A/D converter and Vref (at 10-bit A/ D mode) .................................................................................................................... 1-103 Table 21 Relative formula for a reference voltage VREF of A/D converter and Vref (at 8-bit A/ D mode) .................................................................................................................... 1-103 Table 22 Change of AD conversion register during A/D conversion (at 10-bit A/D mode) . 1-103 Table 23 Change of AD conversion register during A/D conversion (at 8-bit A/D mode) ... 1-104 CHAPTER 2 APPLICATION Table 2.1.1 Termination of unused pins (in single-chip mode) ............................................... 2-5 Table 2.2.1 Interrupt sources, vector addresses and priority .............................................. 2-12 Table 2.2.2 List of interrupt bits according to interrupt source ............................................. 2-17 Table 2.3.1 CNTR0/CNTR1 active edge switch bit function .................................................... 2-25 Table 2.3.2 CNTR2 active edge switch bit function ................................................................ 2-27 Table 2.4.1 Pin function in clock synchronous serial I/O mode ............................................ 2-60 Table 2.4.2 Pin function in UART mode ................................................................................... 2-60 Table 2.4.3 Pin function in clock synchronous serial I/O mode ............................................ 2-60 Table 2.4.4 Setting examples of Baud rate generator (BRG) values and transfer bit rate values ... 2-76 Table 2.12.1 State in stop mode ............................................................................................. 2-149 Table 2.12.2 State in wait mode .............................................................................................. 2-153 Table 2.13.1 Parallel unit when parallel programming (when using EFP-I provided by Suisei Electronics System Co., Ltd.) ............................................................................ 2-159 Table 2.13.2 Connection example to programmer when serial programming (4 wires) .. 2-159 |