データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M38041F6HKP データシート(PDF) 17 Page - Renesas Technology Corp

部品番号 M38041F6HKP
部品情報  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38041F6HKP データシート(HTML) 17 Page - Renesas Technology Corp

Back Button M38041F6HKP Datasheet HTML 13Page - Renesas Technology Corp M38041F6HKP Datasheet HTML 14Page - Renesas Technology Corp M38041F6HKP Datasheet HTML 15Page - Renesas Technology Corp M38041F6HKP Datasheet HTML 16Page - Renesas Technology Corp M38041F6HKP Datasheet HTML 17Page - Renesas Technology Corp M38041F6HKP Datasheet HTML 18Page - Renesas Technology Corp M38041F6HKP Datasheet HTML 19Page - Renesas Technology Corp M38041F6HKP Datasheet HTML 20Page - Renesas Technology Corp M38041F6HKP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 387 page
background image
xiii
3804 Group (Spec.H)
List of tables
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
List of tables
CHAPTER 1 HARDWARE
Table 1 Support products ............................................................................................................ 1-2
Table 2 Pin description ................................................................................................................ 1-5
Table 3 Push and pop instructions of accumulator or processor status register ............... 1-9
Table 4 Set and clear instructions of each bit of processor status register ..................... 1-10
Table 5 I/O port function ........................................................................................................... 1-15
Table 6 Interrupt vector addresses and priority ..................................................................... 1-24
Table 7 Multi-master I2C-BUS interface functions .................................................................. 1-60
Table 8 Set values of I2C clock control register and SCL frequency ................................. 1-62
Table 9 START condition generating timing table ................................................................. 1-66
Table 10 STOP condition generating timing table ................................................................. 1-66
Table 11 START condition/STOP condition detecting conditions ........................................ 1-67
Table 12 Recommended set value to START/STOP condition set bits (SSC4–SSC0) for each
oscillation frequency .................................................................................................. 1-68
Table 13 Summary of 3804 group (spec. H) ......................................................................... 1-80
Table 14 State of E/W inhibition function ............................................................................... 1-83
Table 15 List of software commands (CPU rewrite mode) .................................................. 1-85
Table 16 Definition of each bit in status register .................................................................. 1-87
Table 17 Description of pin function (Flash Memory Serial I/O Mode 1) .......................... 1-93
Table 18 Description of pin function (Flash Memory Serial I/O Mode 2) .......................... 1-93
Table 19 Interrupt sources, vector addresses and priority ................................................. 1-101
Table 20 Relative formula for a reference voltage VREF of A/D converter and Vref (at 10-bit A/
D mode) .................................................................................................................... 1-103
Table 21 Relative formula for a reference voltage VREF of A/D converter and Vref (at 8-bit A/
D mode) .................................................................................................................... 1-103
Table 22 Change of AD conversion register during A/D conversion (at 10-bit A/D mode) . 1-103
Table 23 Change of AD conversion register during A/D conversion (at 8-bit A/D mode) ... 1-104
CHAPTER 2 APPLICATION
Table 2.1.1 Termination of unused pins (in single-chip mode) ............................................... 2-5
Table 2.2.1 Interrupt sources, vector addresses and priority .............................................. 2-12
Table 2.2.2 List of interrupt bits according to interrupt source ............................................. 2-17
Table 2.3.1 CNTR0/CNTR1 active edge switch bit function .................................................... 2-25
Table 2.3.2 CNTR2 active edge switch bit function ................................................................ 2-27
Table 2.4.1 Pin function in clock synchronous serial I/O mode ............................................ 2-60
Table 2.4.2 Pin function in UART mode ................................................................................... 2-60
Table 2.4.3 Pin function in clock synchronous serial I/O mode ............................................ 2-60
Table 2.4.4 Setting examples of Baud rate generator (BRG) values and transfer bit rate values ... 2-76
Table 2.12.1 State in stop mode ............................................................................................. 2-149
Table 2.12.2 State in wait mode .............................................................................................. 2-153
Table 2.13.1 Parallel unit when parallel programming (when using EFP-I provided by Suisei
Electronics System Co., Ltd.) ............................................................................ 2-159
Table 2.13.2 Connection example to programmer when serial programming (4 wires) .. 2-159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More