データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7313 データシート(PDF) 13 Page - STMicroelectronics

部品番号 TDA7313
部品情報  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7313 データシート(HTML) 13 Page - STMicroelectronics

Back Button TDA7313 Datasheet HTML 6Page - STMicroelectronics TDA7313 Datasheet HTML 7Page - STMicroelectronics TDA7313 Datasheet HTML 8Page - STMicroelectronics TDA7313 Datasheet HTML 9Page - STMicroelectronics TDA7313 Datasheet HTML 10Page - STMicroelectronics TDA7313 Datasheet HTML 11Page - STMicroelectronics TDA7313 Datasheet HTML 12Page - STMicroelectronics TDA7313 Datasheet HTML 13Page - STMicroelectronics TDA7313 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
37.34
1.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
33.02
1.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
DIP28
OUTLINE AND
MECHANICAL DATA
TDA7313
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14