データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7317 データシート(PDF) 5 Page - STMicroelectronics

部品番号 TDA7317
部品情報  FIVE BANDS DIGITAL CONTROLLED GRAPHIC EQUALIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7317 データシート(HTML) 5 Page - STMicroelectronics

  TDA7317 Datasheet HTML 1Page - STMicroelectronics TDA7317 Datasheet HTML 2Page - STMicroelectronics TDA7317 Datasheet HTML 3Page - STMicroelectronics TDA7317 Datasheet HTML 4Page - STMicroelectronics TDA7317 Datasheet HTML 5Page - STMicroelectronics TDA7317 Datasheet HTML 6Page - STMicroelectronics TDA7317 Datasheet HTML 7Page - STMicroelectronics TDA7317 Datasheet HTML 8Page - STMicroelectronics TDA7317 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 2: Application Circuit
The five bands graphic equalizer is used in con-
junction with a TDA7318 (or another audioproces-
sor of the SGS-THOMSON 731X family).
The audioprocessor bass and treble tone can fur-
nish two extra filter bands.
Application requiring higher number of external
equalizer bands could be implemented by cas-
cading 2 or more TDA7317 devices. In fact the
dedicated ADDR pin allows 2 addresses selec-
tion. Anyway, the address of the graphic equalizer
is different from the audioprocessor one.
For example 11 bands are implemented by use of
2 TDA7317 plus an audioprocessor (TDA731X
family).
In case one filtering cell is not needed, a short cir-
cuit must be provided between the P1xy and
P2xy pins.
TDA7317
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12