データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7326 データシート(PDF) 15 Page - STMicroelectronics

部品番号 TDA7326
部品情報  AM-FM RADIO FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7326 データシート(HTML) 15 Page - STMicroelectronics

Back Button TDA7326 Datasheet HTML 8Page - STMicroelectronics TDA7326 Datasheet HTML 9Page - STMicroelectronics TDA7326 Datasheet HTML 10Page - STMicroelectronics TDA7326 Datasheet HTML 11Page - STMicroelectronics TDA7326 Datasheet HTML 12Page - STMicroelectronics TDA7326 Datasheet HTML 13Page - STMicroelectronics TDA7326 Datasheet HTML 14Page - STMicroelectronics TDA7326 Datasheet HTML 15Page - STMicroelectronics TDA7326 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SO16 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.012
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
° (typ.)
D
10.1
10.5
0.398
0.413
E
10.0
10.65
0.394
0.419
e
1.27
0.050
e3
8.89
0.350
F
7.4
7.6
0.291
0.299
L
0.5
1.27
0.020
0.050
M
0.75
0.030
S8
° (max.)
TDA7326
15/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16