データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7330 データシート(PDF) 7 Page - STMicroelectronics

部品番号 TDA7330
部品情報  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7330 データシート(HTML) 7 Page - STMicroelectronics

  TDA7330 Datasheet HTML 1Page - STMicroelectronics TDA7330 Datasheet HTML 2Page - STMicroelectronics TDA7330 Datasheet HTML 3Page - STMicroelectronics TDA7330 Datasheet HTML 4Page - STMicroelectronics TDA7330 Datasheet HTML 5Page - STMicroelectronics TDA7330 Datasheet HTML 6Page - STMicroelectronics TDA7330 Datasheet HTML 7Page - STMicroelectronics TDA7330 Datasheet HTML 8Page - STMicroelectronics TDA7330 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIP20
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
OUTLINE AND
MECHANICAL DATA
TDA7330B
7/9



Html Pages

1 2 3 4 5 6 7 8 9