データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7431 データシート(PDF) 12 Page - STMicroelectronics

部品番号 TDA7431
部品情報  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7431 データシート(HTML) 12 Page - STMicroelectronics

Back Button TDA7431 Datasheet HTML 8Page - STMicroelectronics TDA7431 Datasheet HTML 9Page - STMicroelectronics TDA7431 Datasheet HTML 10Page - STMicroelectronics TDA7431 Datasheet HTML 11Page - STMicroelectronics TDA7431 Datasheet HTML 12Page - STMicroelectronics TDA7431 Datasheet HTML 13Page - STMicroelectronics TDA7431 Datasheet HTML 14Page - STMicroelectronics TDA7431 Datasheet HTML 15Page - STMicroelectronics TDA7431 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
SURROUND MODE
0
0
SIMULATED
0
1
MUSIC
1
0
OFF
1
1
MOVIE
OUT
0
VAR
1
FIX
EFFECT CONTROL
0000
-6
0001
-7
0010
-8
0011
-9
0100
-10
0101
-11
0110
-12
0111
-13
1000
-14
1001
-15
1010
-16
1011
-17
1100
-18
1101
-19
1110
-20
1111
-21
PHASE RESISTOR SELECTION
MSB
LSB
SURROUND PHASE
RESISTOR
D7
D6
D5
D4
D3
D2
D1
D0
PHASE SHIFT 1 (K
Ω)
00
12
01
14
10
18
11
37
PHASE SHIFT 2 (K
Ω)
00
6
01
7
10
8
11
18
PHASE SHIFT 3 (K
Ω)
00
12
01
14
10
18
11
39
PHASE SHIFT 4 (K
Ω)
00
12
01
14
10
18
11
39
SURROUND SELECTION
TDA7430 - TDA7431
12/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21