データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSP3130SG データシート(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

部品番号 FSP3130SG
部品情報  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
ホームページ  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3130SG データシート(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3130SG Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SG Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SG Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SG Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SG Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SG Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3130SG Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PWM CONTROL 2A STEP-DOWN CONVERTER
2007-6-6
2/7
FSP3130
ABSOLUTE MAXIMUM RATINGS
(NOTE)
Parameter
Value
Unit
VCC Pin Voltage, VCC
VSS-0.3 to VSS+20
V
Feedback Pin Voltage, VFB
VSS-0.3 to VCC
V
EN Pin Voltage, VEN
VSS-0.3 to VIN + 0.3
V
Switch Pin Voltage, VOUTPUT
VSS-0.3 to VIN + 0.3
V
Power Dissipation, PD
Internally limited
mW
Operating Temperature Range, TOPR
-20 to +125
°C
Storage Temperature Range, TSTG
-40 to +150
°C
Note: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions
for long periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA= 25°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
3.6
18
V
Feedback Voltage
VFB
IIOUT= 0.1A
0.784
0.8
0.816
V
Feedback Bias Current
IFB
IIOUT= 0.1A
0.1
0.5
µA
Switch Current
ISW
2.5
A
Current Consumption During
Power Off
ISSS
VEN = 0
10
µA
Line Regulation
Δ
VOUT /VOUT
VIN =5V~18V
1
2
%
Load Regulation
Δ
VOUT /VOUT
IIOUT= 0.1A~2A
0.2
0.5
%
Oscillation Frequency
fosc
Measure waveform at SW pin
240
300
360
KHz
Frequency of Current Limit or
Short Circuit Protect
fosc1
Measure waveform at SW pin
10
KHz
VSH
Evaluate oscillation at SW pin
2.0
Enable Pin Input Voltage
VSL
Evaluate oscillation stop at
SW pin
0.8
V
ISH
20
Enable Pin Input Leakage
Current
ISL
-10
µA
OCSET Pin Bias Current
IOCSET
75
90
105
µA
Soft-Start Time
TSS
0.3
2
5
ms
VIN =5V, VFB = 0
110
150
Internal MOSFET Rdson
Rdson
VIN =12V, VFB = 0
70
100
mΩ
Efficiency
EFFI
VIN =12V, VOUT =5V,
IIOUT= 2A
92
%
Thermal Resistance
Junction to Ambient
θJA
65
°C/W



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com