データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7494S データシート(PDF) 5 Page - STMicroelectronics

部品番号 TDA7494S
部品情報  10W AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7494S データシート(HTML) 5 Page - STMicroelectronics

  TDA7494S Datasheet HTML 1Page - STMicroelectronics TDA7494S Datasheet HTML 2Page - STMicroelectronics TDA7494S Datasheet HTML 3Page - STMicroelectronics TDA7494S Datasheet HTML 4Page - STMicroelectronics TDA7494S Datasheet HTML 5Page - STMicroelectronics TDA7494S Datasheet HTML 6Page - STMicroelectronics TDA7494S Datasheet HTML 7Page - STMicroelectronics TDA7494S Datasheet HTML 8Page - STMicroelectronics TDA7494S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
APPLICATION SUGGESTIONS
The recommended values of the external components are those shown on the application circuit of fig-
ure 1. Different values can be used; the following table can help the designer.
COMPONENT
SUGGESTION
VALUE
PURPOSE
LARGER THAN
SUGGESTION
SMALLER THAN
SUGGESTION
R5
10K
Ω
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C1
1000
µF
Supply voltage bypass
Danger of oscillation
C2
100nF
Supply voltage bypass
Danger of oscillation
C5
470nF
Input DC decoupling
Lower low frequency
cutoff
Higher low frequency
cutoff
C8
470
µF
Ripple Rejection
Better SVR
Worse SVR
C9
1
µF
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C10
470
µF
Output DC decoupling
Lower low frequency
cutoff
Higher low frequency
cutoff
TYPICAL CHARACTERISTICS: Refer to the Application Circuit of Fig.1 VS = 21V; RL = 8
Ω; f = 1KHz;
RS = 8
Ω; Tamb = 25°C; RS = 50Ω; unless otherwise specified
5
10
15
20
25
30
Vs(V)
D96AU517
0
2
4
6
8
10
12
14
POUT
(W)
d=10%
d=1%
Figure 3: Output Power vs Supply Voltage
02
4
6
8 POUT(W)
0.01
0.1
1
d
(%)
VS=28V
RL=8Ω
f=15KHz
f=1KHz
D96AU518
Figure 4: Distortion vs Output Power
TDA7494S
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com