| データシートサーチシステム |
|
TDA7503 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7503 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 26 page ![]() Dual 24-bit 40 MIPS DSP Cores 8 bit Microcontroller 4 receive and 5 transmit stereo channels of Serial Audio Interface Synchronous Serial Interface for communica- tion with external processor FIFO based mailboxes for inter-processor communications External Memory Interface to 128Kb SRAM or 1Mb DRAM CORDIC co-processor Programmable PLL to suite wide range of ex- ternal crystal oscillation frequencies SPI control interface Powerful debug interfaces 1280 words Program Memory for DSP1, 768 words Program Memory for DSP0 256 words X and Y Data RAM and Data ROM for each DSP 256 byte Data RAM for Microcontroller 768 byte Auxiliary RAM for Microcontroller DESCRIPTION The device is a high-performance Digital Signal Processing IC particularly suited to Audio applica- tions. The device contains two 24-bit 40 MIPS DSP cores delivering a total of 80 MIPS of DSP processing power. There is also an embedded 8- bit Microcontroller to handle all control functions. All data and program memories for both DSP cores are on-chip. A variety of highly programma- ble and flexible peripheral blocks for both the Mi- crocontroller and the DSPs have been integrated to form a powerful audio processing system on a single chip. This is preliminary information on a new product now in development. Details are subject to change without notice. July 1999 ® Host Interface 0 DEBUG Interface DSP0 CORE M8051 CORE Mi cro Memory Interface AUX-RAM 768 Bytes C ordic Ari thmetic U nit DSP1 CORE Host Interface 1 Serial Audio Interface Synchronous Audio Interface SRAM/ D RAM Interface XCHG Interface XDB0 XAB0 XDB1 XAB1 X-RAM0 X-ROM0 Y-RAM0 Y-ROM0 P-RAM0 P-ROM0 P-RAM1 P-ROM1 Y-RAM1 Y-ROM1 X-RAM1 X-ROM1 AUX-RAM 256 Bytes Watchdog Timer PLL Clock Oscillator DCLK BLOCK DIAGRAM TQFP100 TDA7503 DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS PRODUCT PREVIEW 1/26 |
同様の部品番号 - TDA7503 |
|
同様の説明 - TDA7503 |