| データシートサーチシステム |
|
TDA7522 データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7522 データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 23 page ![]() TDA7522 16/23 – Constant Angular Velocity Control – TOC management – CD-Text I/F. 5.2 DSP (SACDSP : Servo Audio Control Digital Signal Processor) DSP is placed as a subset of ST7 MPU, which performs Digital Filter calculation. It consists of 20bit (data) x 16bit (coefficient) multiplier, 38bit accumulator, 20bit Data RAM, Data Arbitra- tion between ST7, and 19 bits wide program Opcode; it can be broken down into two instruction bindings: – Instruction binding #1 :Arithmetic Instructions + Parallel Move Instructions – Instruction binding #2 :Immediate moves and bit-test jumps SACDSP is very powerful DSP which performs more than 50MIPS, and it is based on three level pipeline architecture in which concurrent instruction fetch, decode, and execution occur. Figure 4. Basic I/Fs to ST7 Some Tasks of SACDSP are as follows; – DSP: Digital Filter execution as slave of ST7 – Focusing and Tracking loop filter – Sled Tracking control – Pick-up Velocity control during Jump Scratch RAM ST7 & Peripherals PROM Data Arbitration Coeff. Arbitration Coeff. RAM Data RAM CIRC Decimation filter SAC-DSP PDM/PWM Audio DAC PRAM Loaded AUDIO DATA Path SERVO DATA Path by ST7 |