データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8214B データシート(PDF) 5 Page - STMicroelectronics

部品番号 TDA8214B
部品情報  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8214B データシート(HTML) 5 Page - STMicroelectronics

  TDA8214B Datasheet HTML 1Page - STMicroelectronics TDA8214B Datasheet HTML 2Page - STMicroelectronics TDA8214B Datasheet HTML 3Page - STMicroelectronics TDA8214B Datasheet HTML 4Page - STMicroelectronics TDA8214B Datasheet HTML 5Page - STMicroelectronics TDA8214B Datasheet HTML 6Page - STMicroelectronics TDA8214B Datasheet HTML 7Page - STMicroelectronics TDA8214B Datasheet HTML 8Page - STMicroelectronics TDA8214B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
20
SL2
SL1
VR
Video
R1
R2
Figure 1 : Synchronization Separator Circuit
GENERAL DESCRIPTION
The TDA8214B performs all the video and power
functions required to provide signals for the line
driver and frame yoke.
It contains:
- A synchronization separator
- An integrated frame separator without external
components
- A saw-tooth generator for the frame
- A power amplifier for direct drive of frame yoke
(short circuit protected)
- An open collector output for the line driver
- A line phase detector and a voltage control oscil-
lator
- A super sandcastle generator
- Video identification output.
The slice level of sync-separation is fixed by value
of the external resistors R1 and R2. VR is an
internally fixed voltage.
The sync-pulse allows the discharge of the capaci-
tor by a 2 x I current. A line sync-pulse is not able
to discharge the capacitor under VZ/2. A frame
sync-pulse permits the complete discharge of the
capacitor, so during the frame sync-pulse Q3 and
Q4 provide current for the other parts of the circuit.
Vz
ST2
ST1
I
3I
SL1
Vz /2
Q3
Q4
Figure 2 : Frame Separator
TDA8214B
5/9



Html Pages

1 2 3 4 5 6 7 8 9