| データシートサーチシステム |
|
TEA3718DP データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TEA3718DP データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 16 page ![]() MOTOR SELECTION Some stepper motors are not designed for continu- ous operation at maximum current. As the circuit drives a constant current through the motor, its tem- perature might increase exceedinglyboth at low and high speed operation. Also, some stepper motors have such high core losses that they are not suited for switch mode cur- rent regulation. UNUSED INPUTS Unused inputs shouldbe connectedto proper voltage levels in order to get the highest noise immunity. INTERFERENCE As the circuit operates with switch mode current regulation, interference generation problems might arise in some applications. A good measure might then be to decouple the circuit with a 15 nF ceramic capacitor, located near the packagebetween power line VS and ground. The ground lead between RS,CC and circuit GND should be kept as short as possible. This applies also to the lead between the sensing resistor RS and point S, see FUNCTIONAL BLOCKS. APPLICATION NOTES PRINCIPAL OPERATING SEQUENCE TEA3718-TEA3718S 12/16 |