| データシートサーチシステム |
|
ST700C20L3LPBF データシート(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
ST700C20L3LPBF データシート(HTML) 3 Page - Vishay Siliconix |
|
3 / 7 page ![]() Document Number: 94413 For technical questions, contact: ind-modules@vishay.com www.vishay.com Revision: 11-Aug-08 3 ST700CLPbF Series Phase Control Thyristors (Hockey PUK Version), 910 A Vishay High Power Products Note • The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC TRIGGERING PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS TYP. MAX. Maximum peak gate power PGM TJ = TJ maximum, tp ≤ 5 ms 10.0 W Maximum average gate power PG(AV) TJ = TJ maximum, f = 50 Hz, d% = 50 2.0 Maximum peak positive gate current IGM TJ = TJ maximum, tp ≤ 5 ms 3.0 A Maximum peak positive gate voltage + VGM TJ = TJ maximum, tp ≤ 5 ms 20 V Maximum peak negative gate voltage - VGM 5.0 DC gate current required to trigger IGT TJ = - 40 °C Maximum required gate trigger/ current/voltage are the lowest value which will trigger all units 12 V anode-to-cathode applied 200 - mA TJ = 25 °C 100 200 TJ = 125 °C 50 - DC gate voltage required to trigger VGT TJ = - 40 °C 2.5 - V TJ = 25 °C 1.8 3.0 TJ = 125 °C 1.1 - DC gate current not to trigger IGD TJ = TJ maximum Maximum gate current/voltage not to trigger is the maximum value which will not trigger any unit with rated VDRM anode to cathode applied 10 mA DC gate voltage not to trigger VGD 0.25 V THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum operating junction temperature range TJ - 40 to 125 °C Maximum storage temperature range TStg - 40 to 150 Maximum thermal resistance, junction to heatsink RthJ-hs DC operation single side cooled 0.073 K/W DC operation double side cooled 0.031 Maximum thermal resistance, case to heatsink RthC-hs DC operation single side cooled 0.011 DC operation double side cooled 0.006 Mounting force, ± 10 % 14 700 (1500) N (kg) Approximate weight 255 g Case style See dimensions - link at the end of datasheet TO-200AC (B-PUK) ΔR thJ-hs CONDUCTION CONDUCTION ANGLE SINUSOIDAL CONDUCTION RECTANGULAR CONDUCTION TEST CONDITIONS UNITS SINGLE SIDE DOUBLE SIDE SINGLE SIDE DOUBLE SIDE 180° 0.009 0.009 0.006 0.006 TJ = TJ maximum K/W 120° 0.011 0.011 0.011 0.011 90° 0.014 0.014 0.015 0.015 60° 0.020 0.020 0.021 0.021 30° 0.036 0.036 0.036 0.036 |