データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA7088AFP データシート(PDF) 17 Page - STMicroelectronics

部品番号 TEA7088AFP
部品情報  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7088AFP データシート(HTML) 17 Page - STMicroelectronics

Back Button TEA7088AFP Datasheet HTML 9Page - STMicroelectronics TEA7088AFP Datasheet HTML 10Page - STMicroelectronics TEA7088AFP Datasheet HTML 11Page - STMicroelectronics TEA7088AFP Datasheet HTML 12Page - STMicroelectronics TEA7088AFP Datasheet HTML 13Page - STMicroelectronics TEA7088AFP Datasheet HTML 14Page - STMicroelectronics TEA7088AFP Datasheet HTML 15Page - STMicroelectronics TEA7088AFP Datasheet HTML 16Page - STMicroelectronics TEA7088AFP Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
PACKAGE MECHANICAL DATA
28 PINS - PLASTIC PACKAGE
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
o (Typ.)
D
17.7
18.1
0.697
0.713
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
16.51
0.65
F
7.4
7.6
0.291
0.299
L
0.4
1.27
0.016
0.050
S8
o (Max.)
Information furni shed is believed to be accurate and reliable. However, SGS-THOMSON Micr oelectronics assumes no responsibility
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No licence is granted by implication or otherwise und erany patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without notice. This pu blication supersedes and replaces all
information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life
support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1998 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
TEA7088A
17/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17