| データシートサーチシステム |
|
THBT20011DRL データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
THBT20011DRL データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 9 page ![]() THBTxxx11D 4/9 TEST CIRCUIT 1 for IBO and VBO parameters : static relay. R1 R2 240 140 D.U.T V BO measure IBO measure tp =20ms K Transformer 220V/800V 5A Auto Transformer 220V/2A Vout TEST PROCEDURE : n Pulse Test duration (tp = 20ms): - For Bidirectional devices = Switch K is closed - For Unidirectional devices = Switch K is open. n VOUT Selection - Device with VBO < 200 Volt -VOUT = 250 VRMS,R1 = 140 Ω. - Device with VBO 200 Volt -VOUT = 480 VRMS,R2 = 240 Ω. TEST CIRCUIT 2 for IH parameter. R -VP VBAT =-48 V Surge generator D.U.T. This is a GO-NOGO test which allows to confirm the holding current (IH) level in a functional test circuit. TEST PROCEDURE : n 1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T. 2) Fire the D.U.T with a surge Current : Ipp = 10A , 10/1000 µs. 3) The D.U.T will come back off-state within 50 ms max. |