| データシートサーチシステム |
|
CS-300-DFF-R4R4M2 データシート(PDF) 4 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
CS-300-DFF-R4R4M2 データシート(HTML) 4 Page - Vectron International, Inc |
|
4 / 8 page ![]() CS-300 Clock Smoother Vectron International, 267 Lowell Road, Hudson, NH 03051 Tel: 1-88-VECTRON-1 • Web: www.vectron.com Page 4 of 8 Rev: 02Jan07 25 217 200 150 260 Time (sec) t S t AMB-P t L t P R R DN Reflow Profile (IPC/JEDEC J-STD-020C) Parameter Symbol Value PreHeat Time t S 60 sec Min, 180 sec Max Ramp Up R UP 3 oC/sec Max Time Above 217 oC t L 60 sec Min, 150 sec Max Time To Peak Temperature t AMB-P 480 sec Max Time At 260 oC t P 20 sec Min, 40 sec Max Ramp Down R DN 6 oC/sec Max The CS-300 is being qualified to meet the JEDEC standard for Pb-Free assembly. The temperatures and time intervals listed are based on the Pb-Free small body requirements. The temperatures refer to the topside of the package, measured on the package body surface. The CS-300 should not be subjected to a wash process that will immerse it in solvents. NO CLEAN is the recommended procedure. The CS-300 has been designed for pick and place reflow soldering. The CS-300 may be reflowed once and should not be reflowed in the inverted position. |