データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP140M データシート(PDF) 9 Page - STMicroelectronics

部品番号 TLP140M
部品情報  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP140M データシート(HTML) 9 Page - STMicroelectronics

Back Button TLP140M Datasheet HTML 5Page - STMicroelectronics TLP140M Datasheet HTML 6Page - STMicroelectronics TLP140M Datasheet HTML 7Page - STMicroelectronics TLP140M Datasheet HTML 8Page - STMicroelectronics TLP140M Datasheet HTML 9Page - STMicroelectronics TLP140M Datasheet HTML 10Page - STMicroelectronics TLP140M Datasheet HTML 11Page - STMicroelectronics TLP140M Datasheet HTML 12Page - STMicroelectronics TLP140M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PACKAGE MECHANICAL DATA
I
2PAK Plastic
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max. Min. Typ. Max.
A
4.30
4.60 0.169
0.181
A1
2.49
2.69 0.098
0.106
B
0.70
0.93 0.028
0.037
B1
1.20
1.38 0.047
0.054
B2
1.25
1.40
0.049 0.055
C
0.45
0.60 0.018
0.024
C2
1.21
1.36 0.048
0.054
D
8.95
9.35 0.352
0.368
e
2.44
2.64 0.096
0.104
E
10.00
10.28 0.394
0.405
L
13.10
13.60 0.516
0.535
L1
3.48
3.78 0.137
0.149
L2
1.27
1.40 0.050
0.055
V5
°
5
°
V4
45
°
45
°
TLPxxM/G/G-1
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14