データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS271AI データシート(PDF) 14 Page - STMicroelectronics

部品番号 TS271AI
部品情報  PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271AI データシート(HTML) 14 Page - STMicroelectronics

Back Button TS271AI Datasheet HTML 7Page - STMicroelectronics TS271AI Datasheet HTML 8Page - STMicroelectronics TS271AI Datasheet HTML 9Page - STMicroelectronics TS271AI Datasheet HTML 10Page - STMicroelectronics TS271AI Datasheet HTML 11Page - STMicroelectronics TS271AI Datasheet HTML 12Page - STMicroelectronics TS271AI Datasheet HTML 13Page - STMicroelectronics TS271AI Datasheet HTML 14Page - STMicroelectronics TS271AI Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0260
i
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
TS271C,I,M
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15