| データシートサーチシステム |
|
DSP56725 データシート(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56725 データシート(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 48 page ![]() Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1 Freescale Semiconductor 13 Figure 10 shows external interrupt timing (negative edge-triggered). Figure 10. External Interrupt Timing (Negative Edge-Triggered) Figure 11 shows MODE select set-up and hold time diagram. Figure 11. MODE Select Set-Up and Hold Time 1.2 Module-Level Specifications Table 8 provides a quick reference to the subsections of this section. Table 8. Module-Level Specifications For See Section 1.2.1, “Serial Host Interface SPI Protocol Timing” on page 4 Section 1.2.2, “Serial Host Interface (SHI) I2C Protocol Timing” on page 6 Section 1.2.3, “Programming the SHI I2C Serial Clock” on page 6 Section 1.2.4, “Enhanced Serial Audio Interface Timing” on page 7 Section 1.2.5, “GPIO Timing” on page 28 Section 1.2.6, “JTAG Timing” on page 29 Section 1.2.7, “Watchdog Timer Timing” on page 31 Section 1.2.8, “S/PDIF Timing” on page 32 Section 1.2.9, “EMC Timing Specifications—DSP56724” on page 33 IRQA, IRQB, IRQC, IRQD, NMI, NMI_1 IRQA, IRQB, IRQC, IRQD, NMI, NMI_1 16 17 RESET MODA, MODB, MODC, MODD, PINIT VIH IRQA, IRQB, IRQC,IRQD, NMI VIH VIH 14 15 VIL VIL |