データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9992BBCZ データシート(PDF) 39 Page - Analog Devices

部品番号 AD9992BBCZ
部品情報  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ データシート(HTML) 39 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 35Page - Analog Devices AD9992BBCZ Datasheet HTML 36Page - Analog Devices AD9992BBCZ Datasheet HTML 37Page - Analog Devices AD9992BBCZ Datasheet HTML 38Page - Analog Devices AD9992BBCZ Datasheet HTML 39Page - Analog Devices AD9992BBCZ Datasheet HTML 40Page - Analog Devices AD9992BBCZ Datasheet HTML 41Page - Analog Devices AD9992BBCZ Datasheet HTML 42Page - Analog Devices AD9992BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
AD9992
Rev. C | Page 39 of 92
Complete Field: Combining V-Sequences
After the V-sequences are created, they are combined to create
different readout fields. A field consists of up to nine regions,
and within each region, a different V-sequence can be selected.
Figure 48 shows how the sequence change positions (SCP)
designate the line boundary for each region and how the SEQ
registers then select which V-sequence is used in each region.
Registers to control the VSG outputs are also included in the field
registers. Table 17 summarizes the registers used to create the
fields.
The SEQ registers, one for each region, select which V-sequences
are active in each region. The MULT_SWEEP registers, one for
each region, are used to enable sweep mode and/or multiplier
mode in any region. The SCP registers create the line boundaries
for each region. The VDLEN register specifies the total number of
lines in the field. The HDLEN register specifies the total number of
pixels per line, and the HDLASTLEN register specifies the
number of pixels in the last line of the field.
The VPATSECOND register is used to add a second V-pattern
group to the XV1 to XV10 outputs in the vertical sensor gate
(VSG) line. The SGMASK register is used to enable or disable each
individual VSG output. There are two bits for each VSG output
to enable separate masking in SGACTLINE1 and SGACTLINE2.
Setting a masking bit high masks the output; setting it low enables
the output. The VSGPATSEL register assigns one of the eight
SG patterns to each VSG output. Individual SG patterns are created
separately using the SG pattern registers. The SGACTLINE1
register specifies which line in the field contains the VSG outputs.
The optional SGACTLINE2 register allows the same VSG pulses to
be repeated on a different line. Separate masking is not available
for SGACTLINE1 and SGACTLINE2.
Table 17. Field Registers (CLPOB, PBLK Masking Shown in Table 10)
Register
Length
Range
Description
SEQx
5b
0 to 31 V-sequence number
Selected V-sequence for each region in the field.
MULT_SWEEP
2b
0 to 3
Enables multiplier mode and/or sweep mode for each region.
0: Multiplier off, sweep off.
1: Multiplier off, sweep on.
2: Multiplier on, sweep off.
3: Multiplier on, sweep on.
SCP
13b
0 to 8191 line number
Sequence change position for each region.
VDLEN
13b
0 to 8191 lines
Total number of lines in each field.
HDLASTLEN
13b
0 to 8191 pixels
Length in pixels of the last HD line in each field.
VSGPATSEL
24b
High/low
VSGPATSEL selects which V-pattern toggle positions are used. When set to 0,
Toggle 1 and Toggle 2 are used. When set to 1, Toggle 3 and Toggle 4 are used.
[0]: XV1 selection (0 = use XVTOG1, XVTOG2; 1 = use XVTOG3, XVTOG4).
[23]: XV24 selection.
SGMASK
24b
High/low, each VSG
Set high to mask each individual VSG output.
[0]: XV1 mask.
[23]: XV24 mask.
SGACTLINE1
13b
0 to 8191 line number
Selects the line in the field where the VSG signals are active.
SGACTLINE2
13b
0 to 8191 line number
Selects a second line in the field to repeat the VSG signals. If not used,
set this equal to SGACTLINE1 or to the maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com