| データシートサーチシステム |
|
EVAL-ADE5169F62EBZ データシート(PDF) 67 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADE5169F62EBZ データシート(HTML) 67 Page - Analog Devices |
|
67 / 148 page ![]() ADE5166/ADE5169 Rev. 0 | Page 67 of 148 ENERGY MEASUREMENT INTERRUPTS The energy measurement part of the ADE5166/ADE5169 has its own interrupt vector for the 8052 core, Vector Address 0x004B (see the Interrupt Vectors section). The bits set in the Interrupt Enable 1 SFR (MIRQENL, Address 0xD9), Interrupt Enable 2 SFR (MIRQENM, Address 0xDA), and Interrupt Enable 3 SFR (MIRQENH, Address 0xDB) enable the energy measurement interrupts that are allowed to interrupt the 8052 core. If an event is not enabled, it cannot create a system interrupt. The ADE interrupt stays active until the status bit that has created the interrupt is cleared. The status bit is cleared when a 0 is written to this register bit. |