| データシートサーチシステム |
|
EM14R0B-B28-R032S データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EM14R0B-B28-R032S データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 5 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. EM14 - 14 mm Rotary Optical Encoder w/Switch Cable/Connector Options Terminal Configurations Cable Assembly, Connector on One End Cable Assembly, Connector on Both Ends A 3.98 (.157) REF. REF. REF. 2.7 (.106) 6.0 (.236) 1.0 (.039) 1.27 (.050) 1.27 (.050) .457 (.018) STRIPPED AND TINNED 100 % MATTE TIN RIBBON CABLE 6x28 AWG x PITCH PIN 1 - RED STRIPE CONNECTOR RECEPTACLE DIA. PINS FOR PITCH x x 6.0 (.236) 1.0 (.039) 1.27 (.050) .457 (.018) 2 x CONNECTOR RECEPTACLE DIA. PINS FOR PITCH x x 2.54 (.100) A 8.0 (.315) 1.27 (.050) RIBBON CABLE 6x28 AWG x PITCH PIN 1 - RED STRIPE HARDWARE NUMBER H-190-4 DESCRIPTION CABLE ASSEMBLY, CONNECTOR ON ONE END “A” DIM. 304.8 ± 5.0 (12.0 ± .197) 152.4 ± 5.0 (6.0 ± .197) H-190-2 CABLE ASSEMBLY, CONNECTOR ON ONE END H-190-1 CABLE ASSEMBLY, CONNECTOR ON BOTH ENDS 304.8 ± 5.0 (12.0 ± .197) 152.4 ± 5.0 (6.0 ± .197) H-190-3 CABLE ASSEMBLY, CONNECTOR ON BOTH ENDS 14.99 ± .13 (.590 ± .005) 17.17 (.676) REF. 14.61 (.575) 1.73 ± .10 (.068 ± .004) 2 PLCS. 5 PLCS. Radial Axial Recommended PCB Layout DIA. DIA. 1.27 ± .13 (.050 ± .005) 6 PLCS. .64 (.025) 1.5 (.059) WIDE 0.381 (.015) THICK X GROUND CHANNEL “B” MOMENTARY SWITCH CHANNEL “A” POWER GROUND CHANNEL “B” MOMENTARY SWITCH CHANNEL “A” POWER 1.60 (.063) REF. PCB THICKNESS REF. 1.24 (.049) 2.62 ± .38 (.103 ± .015) 7.87 ± .08 (.310 ± .003) 15.16 ± .25 (.597 ± .010) 15.76 ± .25 (.581 ± .010) 7.87 (.310) 1.73 ± .10 (.068 ± .004) 2 PLCS. 5 PLCS. Recommended PCB Layout DIA. DIA. 1.27 ± .13 (.050 ± .005) 6 PLCS. .64 (.025) 6.25 ± .08 (.246 ± .003) 14.99 ± .25 (.590 ± .010) 17.17 (.676) 10.57 (.416) 1.60 (.063) REF. PCB THICKNESS 1.22 (.048) 2.49 ± .38 (.098 ± .015) 6.25 (.246) REF. |