データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS464CD データシート(PDF) 9 Page - STMicroelectronics

部品番号 TS464CD
部品情報  OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS464CD データシート(HTML) 9 Page - STMicroelectronics

Back Button TS464CD Datasheet HTML 2Page - STMicroelectronics TS464CD Datasheet HTML 3Page - STMicroelectronics TS464CD Datasheet HTML 4Page - STMicroelectronics TS464CD Datasheet HTML 5Page - STMicroelectronics TS464CD Datasheet HTML 6Page - STMicroelectronics TS464CD Datasheet HTML 7Page - STMicroelectronics TS464CD Datasheet HTML 8Page - STMicroelectronics TS464CD Datasheet HTML 9Page - STMicroelectronics TS464CD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACKAGE MECHANICAL DATA
14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.05
A1
0.05
0.15
0.01
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.15
c
0.09
0.20
0.003
0.012
D
4.90
5.00
5.10
0.192
0.196
0.20
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.025
k0
o
8
o
0
o
8
o
l
0.50
0.60
0.75
0.09
0.0236
0.030
TS464CPT
TS461-TS462-TS464
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10