| データシートサーチシステム |
|
ADP5588ACPZ-R7 データシート(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5588ACPZ-R7 データシート(HTML) 20 Page - Analog Devices |
|
20 / 28 page ![]() ADP5588 Rev. A | Page 20 of 28 Table 32. GPIO_DIRx—Register 0x23 to Register 0x25 (GPIO Data Direction) Register Name Register Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 GPIO_DIR1 (Register 0x23) GPIO data direction 0: GPIO 1: Output R7D R6D R5D R4D R3D R2D R1D R0D GPIO_DIR2 (Register 0x24) GPIO data direction 0: GPIO 1: Output C7D C6D C5D C4D C3D C2D C1D C0D GPIO_DIR3 (Register 0x25) GPIO data direction 0: GPIO 1: Output N/A N/A N/A N/A N/A N/A C9D C8D Table 33. GPIO_INT_LVLx—Register 0x26 to Register 0x28 (GPIO Edge/Level Detect) Register Name Register Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 GPIO_INT_LVL1 (Register 0x26) GPIO INT level detect 0: Low 1: High R7IL R6IL R5IL R4IL R3IL R2IL R1IL R0IL GPIO_INT_LVL2 (Register 0x27) GPIO INT level detect 0: Low 1: High C7IL C6IL C5IL C4IL C3IL C2IL C1IL C0IL GPIO_INT_LVL3 (Register 0x28) GPIO INT level detect 0: Low 1: High N/A N/A N/A N/A N/A N/A C9IL C8IL Table 34. DEBOUNCE_DISx—Register 0x29 to Register 0x2B (Debounce Disable) Register Name Register Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 DEBOUNCE_DIS1 (Register 0x29) Debounce disable (inputs) 0: Enabled 1: Disabled R7DD R6DD R5DD R4DD R3DD R2DD R1DD R0DD DEBOUNCE_DIS2 (Register 0x2A) Debounce disable (inputs) 0: Enabled 1: Disabled C7DD C6DD C5DD C4DD C3DD C2DD C1DD C0DD DEBOUNCE_DIS3 (Register 0x2B) Debounce disable (inputs) 0: Enabled 1: Disabled N/A N/A N/A N/A N/A N/A C9DD C8DD Table 35. GPIO_PULLx—Register 0x2C to Register 0x2E (GPIO Pull Disable) Register Name Register Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 GPIO_PULL1 (Register 0x2C) GPIO pull disable (remove pull-ups from inputs) 0: Pull enabled 1: Pull disabled R7PD R6PD R5PD R4PD R3PD R2PD R1PD R0PD GPIO_PULL2 (Register 0x2D) GPIO pull disable (remove pull-ups from inputs) 0: Pull enabled 1: Pull disabled C7PD C6PD C5PD C4PD C3PD C2PD C1PD C0PD GPIO_PULL3 (Register 0x2E) GPIO pull disable (remove pull-ups from inputs) 0: Pull enabled 1: Pull disabled N/A N/A N/A N/A N/A N/A C9PD C8PD Table 36. Register 0x2F Field Bit Description Not Used N/A Not used |