| データシートサーチシステム |
|
TS616IDWT データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS616IDWT データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 27 page ![]() TS616 24/27 ACTIVE FILTERING Figure 67: Low-Pass Active Filtering. Sallen-Key The resistors Rfb and RG give the gain of the filter as a classical non-inverting amplification configu- ration : Assume the following expression is the response of the system: the cut-off frequency is not gain-dependent and it becomes: The damping factor becomes: The higher the gain, the more sensitive the damp- ing factor is. When the gain is higher than 1 it is preferable to use very stable resistors and capac- itances values. In the case of R1=R2: INCREASING THE LINE LEVEL BY USING AN ACTIVE IMPEDANCE MATCHING With passive matching, the output signal ampli- tude of the driver must be twice the amplitude on the load. To go beyond this limitation, active matching impedance can be used. With this tech- nique, it is possible to keep good impedance matching with an amplitude on the load higher than half of the output driver amplitude. This con- cept is shown in Figure 68 for a differential line. Figure 68: TS616 as a differential line driver with an active impedance matching + _ RG IN Rfb 910 Ω TS616 25 Ω OUT R1 R2 C2 C1 + _ RG IN Rfb 910 Ω TS616 25 Ω OUT R1 R2 C2 C1 A V g1 R fb R g ---------- + == T j ω Vout j ω Vin j ω ------------------- g 12 ζ j ω ω c ------- j ω () 2 ω c 2 -------------- ++ --------------------------------------------- == ω c 1 R1R2C 1C2 -------------------------------------- = ζ 1 2 --- ω c C 1 R 1 C 1 R 2 C 2 R 1 C 1 R 1 g – ++ () = ζ 2C 2 C 1 R fb R g ---------- – 2C 1 C 2 ------------------------------------ = R4 R2 Vi Vi Vo Vo RL 100 Ω 1:n Hybrid & Transformer GND Vcc+ 10 µ 100n 100n 100n 1k 1k Rs1 Rs2 10n 1 µ R3 R5 Vo° Vo° GND Vcc+ Vcc+ + _ + _ GND 1/2 R1 1/2 R1 Vcc/2 |