データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS636I データシート(PDF) 6 Page - STMicroelectronics

部品番号 TS636I
部品情報  DIFFERENTIAL VARIABLE GAIN AMPLIFIER FOR ADSL LINE INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS636I データシート(HTML) 6 Page - STMicroelectronics

  TS636I Datasheet HTML 1Page - STMicroelectronics TS636I Datasheet HTML 2Page - STMicroelectronics TS636I Datasheet HTML 3Page - STMicroelectronics TS636I Datasheet HTML 4Page - STMicroelectronics TS636I Datasheet HTML 5Page - STMicroelectronics TS636I Datasheet HTML 6Page - STMicroelectronics TS636I Datasheet HTML 7Page - STMicroelectronics TS636I Datasheet HTML 8Page - STMicroelectronics TS636I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS636
6/9
GAIN CONTROL
The gain and the power down mode is programmed with a 4 bit digital word :
The gain is the same for both channels.
The digital inputs are CMOS compatible. The supply voltage of the logic decoder used to transcode the digital word can be either 3.3V or 5V or VCC.
Digital
Control
GC4....GC1
MSB
LSB
Total Gain
(dB)
First Stage
Gain
(dB)
Second Stage
Gain
(dB)
Maximum
Input Level
Bandwidth
Small Signal
Eq. Input
Noise
(nV/
√Hz)
$0000
-9
0
-9
2.8Vrms
110MHZ
29
$0001
-6
0
-6
2.8Vrms
100MHz
26
$0010
-3
0
-3
2.8Vrms
85MHz
23
$0011
0
0
0
2.8Vrms
69MHz
22
$0100
3
3
0
2Vrms
63MHz
16
$0101
6
6
0
1.4Vrms
58MHz
12
$0110
9
9
0
1Vrms
56MHz
9
$0111
12
12
0
0.7Vrms
55MHz
7
$1000
15
15
0
0.5Vrms
54MHz
6
$1001
18
18
0
0.35Vrms
52MHz
4.8
$1010
21
21
3
0.25Vrms
42MHz
4.7
$1011
24
24
6
175mVrms
30MHz
4.7
$1100
27
27
9
125mVrms
24MHz
4.6
$1101
30
30
12
88mVrms
18MHz
4.6
$1110
30
30
12
88mVrms
18MHz
4.6
$1111
30
30
12
88mVrms
18MHz
4.6



Html Pages

1 2 3 4 5 6 7 8 9