データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2.0000LSMC025UI データシート(PDF) 1 Page - EUROQUARTZ limited

部品番号 2.0000LSMC025UI
部品情報  Low Power - Low Frequency SMD Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EUROQUARTZ [EUROQUARTZ limited]
ホームページ  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

2.0000LSMC025UI データシート(HTML) 1 Page - EUROQUARTZ limited

  2.0000LSMC025UI Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
Low Power - Low Frequency SMD Oscillator
LSM series oscillators are precision surface mount oscillators with a
frequency range from 700kHz to 2.1MHz. The part comprises of a
hermetically sealed crystal with a hybrid circuit sealed in a ceramic
package with a Kovar lid. Full MIL testing is available.
Low current consumption, low frequency from 700kHz
Low profile, miniature SMD package
Full military testing available
Testing to MIL-PRF-55310 available
LSM Series Oscillators
Frequency Range:
700kHz to 2.1MHz
2.0MHz standard****
Supply Voltage*:
3.3 or 5.0 Volts ±10%
Calibration Tolerance**
Code A:
±0.01% (±100ppm)
Code B:
±0.03%
Code C:
±0.1%
Frequency Stability***
0° to +70°C:
-0.12% typical
-0.017% maximum
Voltage Coefficient:
±5ppm/V maximum
Ageing:
±10ppm/year maximum
Shock:
750g, 0.3ms, ½ sine, ±3ppm max.
Vibration:
10g rms, 10-2000Hz, ±3ppm max.
Frequency Change
vs. 10% Output Load Change: ±1ppm maximum
Operating Temperature:
-10° to +70°C Commercial
-40° to +85°C Industrial
-55° to +125°C Military
Output Voltage (5.0V supply)
HIGH:
4.8V minimum, 4.95V typical
LOW:
0.2V maximum, 0.05V typical
Rise/Fall Times:
12ns typical
Symmetry:
40/60% maximum, 45/55% typical
Supply Current
5.0V supply: 400 mA max., 300 mA typical
3.3V supply: 300 mA max., 200 mA typical
Packaging:
Tray pack (standard)
16mm tape, 17.8cm or 33cm reels
Start-up Time:
20ms typical
OUTLINE & DIMENSIONS
Example:
2.0000MHz
LSMA050UMA
PART NUMBERING
Frequency
Series Designation LSM
Calibration Tolerance (see table above)
Stability*
100 = ±100ppm
50 = ±50ppm
25 = ±25ppm
Output Universal (CMOS)
Operating Temp. Range
C = Commercial
I = Industrial
M = Military
Supply Voltage**
Blank = 5.0 Volts
A = 3.3 Volts
*
For other stability requirements enter figure required.
**
For other supply voltage enter required voltage.
DESCRIPTION
SPECIFICATION
Notes:
*
Contact factory for lower supply voltages
**
Tighter tolerances available
***
Does not include calibration tolerance. Positive variations
are much smaller.
****
Contact factory for other frequencies


同様の部品番号 - 2.0000LSMC025UI

メーカー部品番号データシート部品情報
logo
NIC-Components Corp.
2.0 NIC-2.0 Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
SILICON PLANAR ZENER DIODE
2.0HSA SEMTECH-2.0HSA Datasheet
280Kb / 4P
SILICON PLANAR ZENER DIODE
2.0HSB SEMTECH-2.0HSB Datasheet
280Kb / 4P
SILICON PLANAR ZENER DIODE
logo
Shanghai Leiditech Elec...
2.0SMB LEIDITECH-2.0SMB Datasheet
798Kb / 6P
Surface Mount - 2000W
More results

同様の説明 - 2.0000LSMC025UI

メーカー部品番号データシート部品情報
logo
EUROQUARTZ limited
LSMA050UMTA EUROQUARTZ-LSMA050UMTA Datasheet
259Kb / 1P
Low Power - Low Frequency SMD Oscillator
logo
Jauch Quartz Gmbh
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
Low Power/Low Frequency Oscillator
logo
EUROQUARTZ limited
LSM EUROQUARTZ-LSM Datasheet
133Kb / 1P
Low Frequency - Low power SMD Oscillator
logo
SiTime Corp.
SIT8009B SITIME-SIT8009B Datasheet
1Mb / 17P
High Frequency, Low Power Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
Low Power, Standard Frequency Oscillator
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com