データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA1001 データシート(PDF) 13 Page - STMicroelectronics

部品番号 TSA1001
部品情報  10-BIT, 25MSPS, 35mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1001 データシート(HTML) 13 Page - STMicroelectronics

Back Button TSA1001 Datasheet HTML 9Page - STMicroelectronics TSA1001 Datasheet HTML 10Page - STMicroelectronics TSA1001 Datasheet HTML 11Page - STMicroelectronics TSA1001 Datasheet HTML 12Page - STMicroelectronics TSA1001 Datasheet HTML 13Page - STMicroelectronics TSA1001 Datasheet HTML 14Page - STMicroelectronics TSA1001 Datasheet HTML 15Page - STMicroelectronics TSA1001 Datasheet HTML 16Page - STMicroelectronics TSA1001 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
TSA1001 APPLICATION NOTE
DETAILED INFORMATION
The TSA1001 is a High Speed analog to digital
converter based on a pipeline architecture and the
latest deep submicron CMOS process to achieve
the best performances in terms of linearity and
power consumption.
The pipeline structure consists of 9 internal con-
version stages in which the analog signal is fed
and sequencially converted into digital data.
Each 8 first stages consists of an Analog to Digital
converter, a Digital to Analog converter, a Sample
and Hold and a gain of 2 amplifier. A 1.5bit conver-
sion resolution is achieved in each stage. The lat-
est stage simply is a comparator. Each resulting
LSB-MSB couple is then time shifted to recover
from the conversion delay. Digital data correction
completes the processing by recovering from the
redundancy of the (LSB-MSB) couple for each
stage. The corrected data are outputed through
the digital buffers.
Signal input is sampled on the rising edge of the
clock while digital outputs are delivered on the fall-
ing edge of the Data Ready signal.
The advantages of such a converter reside in the
combination of pipeline architecture and the most
advanced technologies. The highest dynamic per-
formances are achieved while consumption re-
mains at the lowest level.
Some functionalities have been added in order to
simplify as much as possible the application
board. These operational modes are described in
the following table.
The TSA1001 is pin to pin compatible with the
8bits/40Msps
TSA0801,
the
10bits/50Msps
TSA1002 and the 12bits/50Msps TSA1201. This
ensures a conformity within the product family and
above all, an easy upgrade of the application.
OPERATIONAL MODES DESCRIPTION
Data Format Select (DFSB)
When set to low level (VIL), the digital input DFSB
provides a two’s complement digital output MSB.
This can be of interest when performing some fur-
ther signal processing.
When set to high level (VIH), DFSB provides a
standard binary output coding.
Output Enable (OEB)
When set to low level (VIL), all digital outputs re-
main active and are in
low impedance state.
When set to high level (VIH), all digital outputs
buffers are in high impedance state. This results in
lower consumption while the converter goes on
sampling.
When OEB is set to low level again, , the data is
then valid on the output with a very short Ton de-
lay.
The timing diagram summarizes this operating cy-
cle.
Out of Range (OR)
This function is implemented on the output stage
in order to set up an "Out of Range" flag whenever
the digital data are over the full scale range.
Typically, there is a detection of all the data being
at ’0’ or all the data being at ’1’. This ends up with
an output signal OR which is in low level state
Inputs
Outputs
Analog input differential level
DFSB
OEB
OR
DR
Most Significant Bit (MSB)
(VIN-VINB)
>
RANGE
H
L
H
CLK
D9
-RANGE
>
(VIN-VINB)
H
L
H
CLK
D9
RANGE> (VIN-VINB) >-RANGE
H
L
L
CLK
D9
(VIN-VINB)
>
RANGE
L
L
H
CLK
Complemented D9
-RANGE
>
(VIN-VINB)
L
L
H
CLK
Complemented D9
RANGE> (VIN-VINB) >-RANGE
L
L
L
CLK
Complemented D9
XX
H
HZ
HZ
HZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19