データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS972I データシート(PDF) 8 Page - STMicroelectronics

部品番号 TS972I
部品情報  OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS972I データシート(HTML) 8 Page - STMicroelectronics

Back Button TS972I Datasheet HTML 4Page - STMicroelectronics TS972I Datasheet HTML 5Page - STMicroelectronics TS972I Datasheet HTML 6Page - STMicroelectronics TS972I Datasheet HTML 7Page - STMicroelectronics TS972I Datasheet HTML 8Page - STMicroelectronics TS972I Datasheet HTML 9Page - STMicroelectronics TS972I Datasheet HTML 10Page - STMicroelectronics TS972I Datasheet HTML 11Page - STMicroelectronics TS972I Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PACKAGE MECHANICAL DATA
8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.05
A1
0.05
0.15
0.01
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.15
c
0.09
0.20
0.003
0.012
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.025
k0
o
8
o
0
o
8
o
l
0.50
0.60
0.75
0.09
0.0236
0.030
TS972IPT
TS971-TS972-TS974
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12