| データシートサーチシステム |
|
MPC8641DEC データシート(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8641DEC データシート(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 140 page ![]() MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1 Freescale Semiconductor 9 Electrical Characteristics Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8641. Figure 2. Overshoot/Undershoot Voltage for D n _M/O/L/TVIN The MPC8641 core voltage must always be provided at nominal VDD_Coren (See Table 2 for actual recommended core voltage). Voltage to the processor interface I/Os are provided through separate sets of supply pins and must be provided at the voltages shown in Table 2. The input voltage threshold scales with respect to the associated I/O supply voltage. OVDD and L/TVDD based receivers are simple CMOS I/O circuits and satisfy appropriate LVCMOS type specifications. The DDR SDRAM interface uses a single-ended differential receiver referenced to each externally supplied Dn_MVREF signal (nominally set to Dn_GVDD/2) as is appropriate for the (SSTL-18 and SSTL-25) electrical signaling standards. 2.1.3 Output Driver Characteristics Table 3 provides information on the characteristics of the output driver strengths. The values are preliminary estimates. GND GND – 0.3 V GND – 0.7 V Not to Exceed 10% L/T/D n_G/O/X/SVDD + 20% L/T/D n_G/O/X/SVDD L/T/D n_G/O/X/SVDD + 5% of tCLK 1 1. tCLK references clocks for various functional blocks as follows: VIH VIL Note: DDR n = 10% of Dn_MCK period eTsec n = 10% of ECn_GTX_CLK125 period Local Bus = 10% of LCLK[0:2] period I2C = 10% of SYSCLK JTAG = 10% of SYSCLK |