| データシートサーチシステム |
|
MPC5634MMLQ80 データシート(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634MMLQ80 データシート(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 106 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 23 NOTE The calibration EBI must be configured in multiplexed mode when the extended Nexus trace is used on the VertiCal Calibration System. This is because Nexus signals and address lines of the calibration bus share the same balls in the calibration package. • Memory controller with support for various memory types: — Asynchronous/legacy flash and SRAM — Most standard memories used with the MPC5xx or MPC55xx family • Bus monitor — User selectable — Programmable time-out period (with 8 external bus clock resolution) • Configurable wait states (via chip selects) • 3 chip-select (Cal_CS[0], Cal_CS[2:3]) signals (Multiplexed with 2 most significant address signals) • 2 write/byte enable (WE[0:1]/BE[0:1]) signals • Configurable bus speed modes — system frequency — 1/2 of system frequency — 1/4 of system frequency • Optional automatic CLKOUT gating to save power and reduce EMI • Compatible with MPC5xx external bus (with some limitations) • Selectable drive strengths; 10 pF, 20 pF, 30 pF, 50 pF 2.3.7 SIU The MPC5634M SIU controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O (GPIO), internal peripheral multiplexing, and the system reset operation. The reset configuration block contains the external pin boot configuration logic. The pad configuration block controls the static electrical characteristics of I/O pins. The GPIO block provides uniform and discrete input/output control of the I/O pins of the MCU. The reset controller performs reset monitoring of internal and external reset sources, and drives the RSTOUT pin. Communication between the SIU and the e200z335 CPU core is via the crossbar switch. The SIU provides the following features: • System configuration — MCU reset configuration via external pins — Pad configuration control for each pad — Pad configuration control for virtual I/O via DSPI serialization • System reset monitoring and generation — Power-on reset support — Reset status register provides last reset source to software — Glitch detection on reset input — Software controlled reset assertion • External interrupt — 11 interrupt requests — Rising or falling edge event detection — Programmable digital filter for glitch rejection — Critical Interrupt request — Non-Maskable Interrupt request •GPIO — GPIO function on 80 I/O pins |