| データシートサーチシステム |
|
MPC8313EVRGDFA データシート(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313EVRGDFA データシート(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 65 Package and Pin Listings 19.3 Pinout Listings Table 63 provides the pin-out listing for the MPC8313E, TEPBGAII package. Table 63. MPC8313E TEPBGAII Pinout Listing Signal Package Pin Number Pin Type Power Supply Notes DDR Memory Controller Interface MEMC_MDQ0 A8 IO GVDD MEMC_MDQ1 A9 IO GVDD MEMC_MDQ2 C10 IO GVDD MEMC_MDQ3 C9 IO GVDD MEMC_MDQ4 E9 IO GVDD MEMC_MDQ5 E11 IO GVDD MEMC_MDQ6 E10 IO GVDD MEMC_MDQ7 C8 IO GVDD MEMC_MDQ8 E8 IO GVDD MEMC_MDQ9 A6 IO GVDD MEMC_MDQ10 B6 IO GVDD MEMC_MDQ11 C6 IO GVDD MEMC_MDQ12 C7 IO GVDD MEMC_MDQ13 D7 IO GVDD MEMC_MDQ14 D6 IO GVDD MEMC_MDQ15 A5 IO GVDD MEMC_MDQ16 A19 IO GVDD MEMC_MDQ17 D18 IO GVDD MEMC_MDQ18 A17 IO GVDD MEMC_MDQ19 E17 IO GVDD MEMC_MDQ20 E16 IO GVDD MEMC_MDQ21 C18 IO GVDD MEMC_MDQ22 D19 IO GVDD MEMC_MDQ23 C19 IO GVDD MEMC_MDQ24 E19 IO GVDD MEMC_MDQ25 A22 IO GVDD MEMC_MDQ26 C21 IO GVDD MEMC_MDQ27 C20 IO GVDD MEMC_MDQ28 A21 IO GVDD |