| データシートサーチシステム |
|
TSA1005I-40IF データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSA1005I-40IF データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 22 page ![]() TSA1005 22/22 PACKAGE MECHANICAL DATA DIM. mm. inch MIN. TYP MAX. MIN. TYP. MAX. A 1.6 0.063 A1 0.05 0.15 0.002 0.006 A2 1.35 1.40 1.45 0.053 0.055 0.057 B 0.17 0.22 0.27 0.007 0.009 0.011 C 0.09 0.20 0.0035 0.0079 D 9.00 0.354 D1 7.00 0.276 D3 5.50 0.216 e 0.50 0.020 E 9.00 0.354 E1 7.00 0.276 E3 5.50 0.216 L 0.45 0.60 0.75 0.018 0.024 0.030 L1 1.00 0.039 K 0˚3.5˚7˚ 0˚3.5˚7˚ TQFP48 MECHANICAL DATA 0110596/C Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom http://www.st.com |