| データシートサーチシステム |
|
MPC5606BECLU データシート(PDF) 35 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5606BECLU データシート(HTML) 35 Page - Freescale Semiconductor, Inc |
|
35 / 98 page ![]() PK[9] PCR[130] Option 0 Option 1 Option 2 Option 3 GPIO[130] MDO3 PDI[17] — —SIU Nexus PDI — I/O M Input, Pull Up —44 A10 PK[10] PCR[131] Option 0 Option 1 Option 2 Option 3 GPIO[131] SDA_B eMIOSA[15] — —SIU I2C_B PWM/Timer — I/O S None, None —52 N6 PK[11] PCR[132] Option 0 Option 1 Option 2 Option 3 GPIO[132] SCL_B eMIOSA[14] — —SIU I2C_B PWM/Timer — I/O S None, None —53 N5 PK[12] — — Reserved — — — — — — — — PK[13] — — Reserved — — — — — — — — PK[14] — — Reserved — — — — — — — — PK[15] — — Reserved — — — — — — — — 1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIU module. PCR.PA = 00 -> Option 0; PCR.PA = 01 -> Option 1; PCR.PA = 10 -> Option 2; PCR.PA = 11-> Option 3. This is intended to select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function is reported as “—”. 2 A=A, S=Slow, M=Medium, F=Fast, SMD=Stepper Motor Driver 3 Reset configuration is given as I/O direction and pull, e.g., “Input, pullup”. 4 Out of reset pins PH[0:3] are available as JTAG pins (TCK, TDI, TDO and TMS respectively). It is up to the user to configure pins PH[0:3] when needed. Table 6. Port Pin Summary (continued) Port Pin PCR Register Alternate Function1 Function Special Function Peripheral I/O Direction Pad Type 2 RESET Config. 3 Pin Number 144 LQFP 176 LQFP 208 MAPBGA |