| データシートサーチシステム |
|
MPC8313ECZQAFDB データシート(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ECZQAFDB データシート(HTML) 16 Page - Freescale Semiconductor, Inc |
|
16 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 16 Freescale Semiconductor DDR and DDR2 SDRAM Table 16 provides the current draw characteristics for MVREF. 6.2 DDR and DDR2 SDRAM AC Electrical Characteristics This section provides the AC electrical characteristics for the DDR SDRAM interface. 6.2.1 DDR and DDR2 SDRAM Input AC Timing Specifications Table 17 provides the input AC timing specifications for the DDR2 SDRAM when GVDD(typ) = 1.8 V. Table 18 provides the input AC timing specifications for the DDR SDRAM when GVDD(typ) = 2.5 V. Table 19 provides the input AC timing specifications for the DDR2 SDRAM interface. Table 16. Current Draw Characteristics for MVREF Parameter/Condition Symbol Min Max Unit Note Current draw for MVREF IMVREF — 500 μA1 Note: 1. The voltage regulator for MVREF must be able to supply up to 500 μA current. Table 17. DDR2 SDRAM Input AC Timing Specifications for 1.8-V Interface At recommended operating conditions with GVDD of 1.8 ± 5%. Parameter Symbol Min Max Unit Notes AC input low voltage VIL —MVREF – 0.25 V — AC input high voltage VIH MVREF + 0.25 — V — Table 18. DDR SDRAM Input AC Timing Specifications for 2.5-V Interface At recommended operating conditions with GVDD of 2.5 ± 5%. Parameter Symbol Min Max Unit Notes AC input low voltage VIL —MVREF – 0.31 V — AC input high voltage VIH MVREF + 0.31 — V — Table 19. DDR and DDR2 SDRAM Input AC Timing Specifications At recommended operating conditions. with GVDD of 2.5 ± 5%. Parameter Symbol Min Max Unit Notes Controller skew for MDQS—MDQ tCISKEW —— ps 1, 2 333 MHz — –750 750 — — 266 MHz — –750 750 — — Notes: 1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that is captured with MDQS[ n]. This should be subtracted from the total timing budget. 2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW. This can be determined by the following equation: tDISKEW = ± (T/4 – abs(tCISKEW)) where T is the clock period and abs(tCISKEW) is the absolute value of tCISKEW. |