| データシートサーチシステム |
|
MPC8313ZQAFDB データシート(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ZQAFDB データシート(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 21 Ethernet: Three-Speed Ethernet, MII Management 7.2 DUART AC Electrical Specifications Table 23 provides the AC timing parameters for the DUART interface. 8 Ethernet: Three-Speed Ethernet, MII Management This section provides the AC and DC electrical characteristics for three-speed, 10/100/1000, and MII management. 8.1 Enhanced Three-Speed Ethernet Controller (eTSEC) (10/100/1000 Mbps)—MII/RMII/RGMII/SGMII/RTBI Electrical Characteristics The electrical characteristics specified here apply to all the media independent interface (MII), reduced gigabit media independent interface (RGMII), serial gigabit media independent interface (SGMII), and reduced ten-bit interface (RTBI) signals except management data input/output (MDIO) and management data clock (MDC). The RGMII and RTBI interfaces are defined for 2.5 V, while the MII interface can be operated at 3.3 V. The RMII and SGMII interfaces can be operated at either 3.3 or 2.5 V. The RGMII and RTBI interfaces follow the Hewlett-Packard reduced pin-count interface for Gigabit Ethernet Physical Layer Device Specification Version 1.2a (9/22/2000). The electrical characteristics for MDIO and MDC are specified in Section 8.5, “Ethernet Management Interface Electrical Characteristics.” 8.1.1 TSEC DC Electrical Characteristics All RGMII, RMII, and RTBI drivers and receivers comply with the DC parametric attributes specified in Table 24 and Table 25. The RGMII and RTBI signals are based on a 2.5-V CMOS interface voltage as defined by JEDEC EIA/JESD8-5. Table 23. DUART AC Timing Specifications Parameter Value Unit Notes Minimum baud rate 256 baud — Maximum baud rate > 1,000,000 baud 1 Oversample rate 16 — 2 Notes: 1. Actual attainable baud rate is limited by the latency of interrupt processing. 2. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values are sampled each 16th sample. Table 24. MII DC Electrical Characteristics Parameter Symbol Conditions Min Max Unit Supply voltage 3.3 V LVDDA/LVDDB — 2.97 3.63 V Output high voltage VOH IOH = –4.0 mA LVDDA or LVDDB = Min 2.40 LVDDA + 0.3 or LVDDB + 0.3 V |