データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8313EVRAFDB データシート(PDF) 65 Page - Freescale Semiconductor, Inc

部品番号 MPC8313EVRAFDB
部品情報  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRAFDB データシート(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8313EVRAFDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313EVRAFDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313EVRAFDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313EVRAFDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313EVRAFDB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313EVRAFDB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313EVRAFDB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313EVRAFDB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313EVRAFDB Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
65
Package and Pin Listings
19.3
Pinout Listings
Table 63 provides the pin-out listing for the MPC8313E, TEPBGAII package.
Table 63. MPC8313E TEPBGAII Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
DDR Memory Controller Interface
MEMC_MDQ0
A8
IO
GVDD
MEMC_MDQ1
A9
IO
GVDD
MEMC_MDQ2
C10
IO
GVDD
MEMC_MDQ3
C9
IO
GVDD
MEMC_MDQ4
E9
IO
GVDD
MEMC_MDQ5
E11
IO
GVDD
MEMC_MDQ6
E10
IO
GVDD
MEMC_MDQ7
C8
IO
GVDD
MEMC_MDQ8
E8
IO
GVDD
MEMC_MDQ9
A6
IO
GVDD
MEMC_MDQ10
B6
IO
GVDD
MEMC_MDQ11
C6
IO
GVDD
MEMC_MDQ12
C7
IO
GVDD
MEMC_MDQ13
D7
IO
GVDD
MEMC_MDQ14
D6
IO
GVDD
MEMC_MDQ15
A5
IO
GVDD
MEMC_MDQ16
A19
IO
GVDD
MEMC_MDQ17
D18
IO
GVDD
MEMC_MDQ18
A17
IO
GVDD
MEMC_MDQ19
E17
IO
GVDD
MEMC_MDQ20
E16
IO
GVDD
MEMC_MDQ21
C18
IO
GVDD
MEMC_MDQ22
D19
IO
GVDD
MEMC_MDQ23
C19
IO
GVDD
MEMC_MDQ24
E19
IO
GVDD
MEMC_MDQ25
A22
IO
GVDD
MEMC_MDQ26
C21
IO
GVDD
MEMC_MDQ27
C20
IO
GVDD
MEMC_MDQ28
A21
IO
GVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100