| データシートサーチシステム |
|
MPC5606BEMLU データシート(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5606BEMLU データシート(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 98 page ![]() PB[8] PCR[24] Option 0 Option 1 Option 2 Option 3 GPIO[24] SOUT_A eMIOSB[21] — —SIU SPI_A PWM/Timer — I/O M None, None 45 55 N7 PB[9] PCR[25] Option 0 Option 1 Option 2 Option 3 GPIO[25] SCK_A eMIOSB[20] — —SIU SPI_A PWM/Timer — I/O M Input, Pull Up 44 54 T6 PB[10] PCR[26] Option 0 Option 1 Option 2 Option 3 GPIO[26] CNRX_B PDI2 eMIOSA[23] —SIU CAN-B PDI PWM/Timer I/O S Input, Pull Up 107 131 P13 PB[11] PCR[27] Option 0 Option 1 Option 2 Option 3 GPIO[27] CNTX_B PDI3 eMIOSA[16] —SIU CAN-B PDI PWM/Timer I/O M None, None 108 132 N12 PB[12] PCR[28] Option 0 Option 1 Option 2 Option 3 GPIO[28] RXD_B eMIOSB[19] PCS_A2 —SIU LIN_B PWM/Timer SPI_0 I/O S Input, Pull Up 40 48 R6 PB[13] PCR[29] Option 0 Option 1 Option 2 Option 3 GPIO[29] TXD_B eMIOSB[18] PCS_A1 —SIU LIN_B PWM/Timer SPI_0 I/O S None, None 41 49 P6 PB[14] — — Reserved — — — — — — — A11 PB[15] — — Reserved — — — — — — — — PC[0] PCR[30] Option 0 Option 1 Option 2 Option 3 GPIO[30] AN[0] — — —SIU ADC — — IA Input, Pull Up 72 88 T13 PC[1] PCR[31] Option 0 Option 1 Option 2 Option 3 GPIO[31] AN[1] — — —SIU ADC — — IA Input, Pull Up 71 87 T12 Table 6. Port Pin Summary (continued) Port Pin PCR Register Alternate Function1 Function Special Function Peripheral I/O Direction Pad Type 2 RESET Config. 3 Pin Number 144 LQFP 176 LQFP 208 MAPBGA |