| データシートサーチシステム |
|
MPC8313ECVRGDF データシート(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8313ECVRGDF データシート(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 100 page ![]() MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1 Freescale Semiconductor 67 Package and Pin Listings MEMC_MCS0 D10 O GVDD MEMC_MCS1 A10 O GVDD MEMC_MCKE B14 O GVDD 3 MEMC_MCK A13 O GVDD MEMC_MCK A14 O GVDD MEMC_MODT0 B23 O GVDD MEMC_MODT1 C23 O GVDD Local Bus Controller Interface LAD0 K25 IO LVDD LAD1 K24 IO LVDD LAD2 K23 IO LVDD LAD3 K22 IO LVDD LAD4 J25 IO LVDD LAD5 J24 IO LVDD LAD6 J23 IO LVDD LAD7 J22 IO LVDD LAD8 H24 IO LVDD LAD9 F26 IO LVDD LAD10 G24 IO LVDD LAD11 F25 IO LVDD LAD12 E25 IO LVDD LAD13 F24 IO LVDD LAD14 G22 IO LVDD LAD15 F23 IO LVDD LA16 AC25 O LVDD LA17 AC26 O LVDD LA18 AB22 O LVDD LA19 AB23 O LVDD LA20 AB24 O LVDD LA21 AB25 O LVDD LA22 AB26 O LVDD LA23 E22 O LVDD Table 63. MPC8313E TEPBGAII Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |