| データシートサーチシステム |
|
TSH110ILT データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH110ILT データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 19 page ![]() TSH110-TSH111-TSH112-TSH113-TSH114 14/19 Printed Circuit Board Layout Considerations In this range of frequency, printed circuit board parasitics can affect the closed-loop performance. The implementation of a proper ground plane in both sides of the PCB is mandatory to provide low inductance and low resistance common return. Most important for controlling the gain flatness and the bandwidth are stray capacitances at the output and inverting input. For minimizing the cou- pling, the space between signal lines and ground plane will be increased. Connections of the feed- back components must be as short as possible on order to decrease the associated inductance which affect high frequency gain errors. It is very important to choose external components as small as possible such as surface mounted devices, SMD, in order to minimize the size of all the dc and ac connections. Power Supply Bypassing A proper power supply bypassing comes very im- portant for optimizing the performance in high fre- quency range. Bypass capacitors must be placed as close as possible to the IC pins to improve high frequency bypassing. A capacitor greater than 1 µF is necessary to minimize the distortion. For a better quality bypassing a capacitor of 0.1 µF will be added following the same condition of imple- mentation. These bypass capacitors must be in- corporated for the negative and the positive sup- plies. (fig.32): Circuit for power supply bypassing. Channel Separation or Crosstalk The following figure show the crosstalk from an amplifier to a second amplifier. This phenomenon, accented in high frequencies, is unavoidable and intrinsic of the circuit. Nevertheless, the PCB layout has also an effect on the crosstalk level. Capacitive coupling be- tween signal wires, distance between critical sig- nal nodes, power supply bypassing, are the most significant points. (fig.33): Crosstalk vs. Frequency. AV=+2, Rfb=680Ω, Cfb=2pF, RL=100Ω, Vcc=±6V, ±2.5V Single Power Supply The TSH11x operates from 12V down to 5V power supplies. This is achieved with a dual power sup- ply of ±6V and ±2.5V or a single power supply of 12V and 5V referenced to the ground. In the case of this asymmetrical supplying, a biasing is neces- sary to assume a positive output dynamic range between 0V and +Vcc supply rails. Considering the values of VOH and VOL, the amplifier will pro- vide an ouput dynamic from +1.35V to 10.75V for a 12V supplying, from 0.6V to 4.5V for a 5V sup- plying. The following figure show the case of a 5V single power supply configuration. (fig.34): Circuit for +5V single supply. + _ -VCC 0.1 µF 1 µF +VCC 1 µF 0.1 µF TSH11x + _ -VCC 0.1 µF 1 µF +VCC 1 µF 0.1 µF TSH11x 10k 100k 1M 10M 100M -100 -80 -60 -40 -20 0 Frequency (Hz) + _ R1 5k Ω RG 680 Ω IN +5V 50 Ω OUT 50 Ω Rfb, 680 Ω 10 µF + 1 µF Cfb 2pF TSH11x 100 µF R1 5k Ω +5V 10nF Rin 1k Ω CG + + _ R1 5k Ω RG 680 Ω IN +5V 50 Ω OUT 50 Ω Rfb, 680 Ω 10 µF + 1 µF Cfb 2pF TSH11x 100 µF R1 5k Ω +5V 10nF Rin 1k Ω CG + |