データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSH511C データシート(PDF) 17 Page - STMicroelectronics

部品番号 TSH511C
部品情報  HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511C データシート(HTML) 17 Page - STMicroelectronics

Back Button TSH511C Datasheet HTML 10Page - STMicroelectronics TSH511C Datasheet HTML 11Page - STMicroelectronics TSH511C Datasheet HTML 12Page - STMicroelectronics TSH511C Datasheet HTML 13Page - STMicroelectronics TSH511C Datasheet HTML 14Page - STMicroelectronics TSH511C Datasheet HTML 15Page - STMicroelectronics TSH511C Datasheet HTML 16Page - STMicroelectronics TSH511C Datasheet HTML 17Page - STMicroelectronics TSH511C Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TSH511
17/18
APPLICATION SCHEMATIC
The infrared carriers are detected by the photodiode and the signal is directly amplified by the TSH511.
Optional reject filters can be added in each channel to improve crosstalk performances. Each receiver has
a standard bandpass filter (filters F1 & F3) to select the 2.3 and 2.8 MHz carriers. After the FM
demodulators, the potentiometers P1 and P2 control the volume levels. The stereo headphones are
directly connected to the integrated audio buffers. The potentiometer P3 allows adjustment of the
sensitivity of the Squelch. The Squelch function fade-in and fade-out the audio signal depending on the
level of the 2.8 MHz carrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18