| データシートサーチシステム |
|
74LVTH574PW データシート(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVTH574PW データシート(HTML) 10 Page - NXP Semiconductors |
|
10 / 16 page ![]() 74LVT_LVTH574_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 11 September 2008 10 of 16 NXP Semiconductors 74LVT574; 74LVTH574 3.3 V octal D-type flip-flop; 3-state 12. Package outline Fig 11. Package outline SOT163-1 (SO20) UNIT A max. A1 A2 A3 bp cD (1) E (1) (1) eHE LLp Q Z y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm inches 2.65 0.3 0.1 2.45 2.25 0.49 0.36 0.32 0.23 13.0 12.6 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 DIMENSIONS (inch dimensions are derived from the original mm dimensions) Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.1 0.4 SOT163-1 10 20 w M b p detail X Z e 11 1 D y 0.25 075E04 MS-013 pin 1 index 0.1 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.51 0.49 0.30 0.29 0.05 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 0 5 10 mm scale X θ A A1 A2 HE L p Q E c L v M A (A ) 3 A SO20: plastic small outline package; 20 leads; body width 7.5 mm SOT163-1 99-12-27 03-02-19 |