| データシートサーチシステム |
|
LPC2158 データシート(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2158 データシート(HTML) 11 Page - NXP Semiconductors |
|
11 / 45 page ![]() LPC2157_2158_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 15 October 2008 11 of 45 NXP Semiconductors LPC2157/2158 Single-chip 16-bit/32-bit microcontrollers P0[9]/RXD1/ PWM6/EINT3 21[2] I/O P0[9] — General purpose input/output digital pin (GPIO). I RXD1 — Receiver input for UART1. O PWM6 — Pulse Width Modulator output 6. I EINT3 — External interrupt 3 input. P0[10]/RTS1/ CAP1[0]/AD1[2] 22[4] I/O P0[10] — General purpose input/output digital pin (GPIO). O RTS1 — Request to Send output for UART1. I CAP1[0] — Capture input for Timer 1, channel 0. I AD1[2] — ADC 1, input 2. P0[11]/CTS1/ CAP1[1]/SCL1 23[3] I/O P0[11] — General purpose input/output digital pin (GPIO). I CTS1 — Clear to Send input for UART1. I CAP1[1] — Capture input for Timer 1, channel 1. I/O SCL1 — I2C1 clock input/output. Open-drain output (for I2C-bus compliance) P0[12]/DSR1/ MAT1[0]/AD1[3] 24[4] I/O P0[12] — General purpose input/output digital pin (GPIO). I DSR1 — Data Set Ready input for UART1. O MAT1[0] — Match output for Timer 1, channel 0. I AD1[3] — ADC 1 input 3. P0[13]/DTR1/ MAT1[1]/AD1[4] 25[4] I/O P0[13] — General purpose input/output digital pin (GPIO). O DTR1 — Data Terminal Ready output for UART1. O MAT1[1] — Match output for Timer 1, channel 1. I AD1[4] — ADC 1 input 4. P0[14]/DCD1/ EINT1/SDA1 26[3] I/O P0[14] — General purpose input/output digital pin (GPIO). I DCD1 — Data Carrier Detect input for UART1. I EINT1 — External interrupt 1 input. I/O SDA1 — I2C1 data input/output. Open-drain output (for I2C-bus compliance). Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take over control of the part after reset. P0[15]/RI1/ EINT2/AD1[5] 28[4] I/O P0[15] — General purpose input/output digital pin (GPIO). I RI1 — Ring Indicator input for UART1. I EINT2 — External interrupt 2 input. I AD1[5] — ADC 1, input 5. P0[16]/EINT0/ MAT0[2]/CAP0[2] 29[2] I/O P0[16] — General purpose input/output digital pin (GPIO). I EINT0 — External interrupt 0 input. O MAT0[2] — Match output for Timer 0, channel 2. I CAP0[2] — Capture input for Timer 0, channel 2. P0[17]/CAP1[2]/ SCK1/MAT1[2] 30[1] I/O P0[17] — General purpose input/output digital pin (GPIO). I CAP1[2] — Capture input for Timer 1, channel 2. I/O SCK1 — Serial Clock for SSP. Clock output from master or input to slave. O MAT1[2] — Match output for Timer 1, channel 2. Table 3. Pin description LPC2158 …continued Symbol Pin Type Description |