データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCM3168APAPR データシート(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
部品番号 PCM3168APAPR
部品情報  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPR データシート(HTML) 48 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 44Page - Texas Instruments PCM3168APAPR Datasheet HTML 45Page - Texas Instruments PCM3168APAPR Datasheet HTML 46Page - Texas Instruments PCM3168APAPR Datasheet HTML 47Page - Texas Instruments PCM3168APAPR Datasheet HTML 48Page - Texas Instruments PCM3168APAPR Datasheet HTML 49Page - Texas Instruments PCM3168APAPR Datasheet HTML 50Page - Texas Instruments PCM3168APAPR Datasheet HTML 51Page - Texas Instruments PCM3168APAPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
82
52
—
PSVAD2
PSVAD1
PSVAD0
—
BYP2
BYP1
BYP0
PSVAD[2:0] ADC Power-save control
These bits control the ADC power-save mode. In power-save mode, DOUT is forced into ZERO
with a fade-out sequence, the internal ADC data are reset, and the ADC goes into a power-down
state. For power-save mode release, a fade-in sequence is applied on DOUT in resume process.
The serial mode control is enabled during this mode. Wait times greater than tADCDLY2 are
required for the status change because of the power-save control turning on/off.
Default value: 000.
PSVAD
ADC Power-save control
xx0
ADC1/2 normal operation
xx1
ADC1/2 power-save mode
x0x
ADC3/4 normal operation
x1x
ADC3/4 power-save mode
0xx
ADC5/6 normal operation
1xx
ADC5/6 power-save mode
BYP[2:0]
ADC HPF bypass control
These bits control the HPF function and dc components of the input signal; internal dc offset is
converted in bypass mode.
Default value: 000.
BYP
ADC HPF bypass control
xx0
ADC1/2 normal output, HPF enabled
xx1
ADC1/2 bypassed output, HPF disabled
x0x
ADC3/4 normal output, HPF enabled
x1x
ADC3/4 bypassed output, HPF disabled
0xx
ADC5/6 normal output, HPF enabled
1xx
ADC5/6 bypassed output, HPF disabled
48
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66