| データシートサーチシステム |
|
ATR2740-RQHH データシート(PDF) 5 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATR2740-RQHH データシート(HTML) 5 Page - ATMEL Corporation |
|
5 / 9 page ![]() 5 4816FS–DAB–07/08 ATR2740 1.19 USB output low level VOLUSB 0.0 0.3 V D 1.20 USB output high level VOHUSB 2.8 3.6 V D 1.21 Transition rise time Full speed TFR 4 20 ns D 1.22 Transition fall time Full speed TFE 4 20 ns D 1.23 USB crystal oscillator frequency FUSB 8 MHz D 1.24 USB clock duty cycle 40 60 % D 1.25 JTAG TCK frequency FTCK 0.02 33 MHz D 3. DC Electrical Characteristics (Continued) Test conditions (if not otherwise specified): VCC = +1.8V, Tamb = +25°C No. Parameters Test Conditions Pin Symbol Min. Typ. Max. Unit Type* *) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter 4. Electrical Characteristics on ADC/IF Input Test conditions (if not otherwise specified): V CC = +3.3V, Tamb = +25°C No. Parameters Test Conditions Pin Symbol Min. Typ. Max. Unit Type* 2.1 ADC DC supply voltage AVDD 3 3.3 3.6 V D 2.2 IF frequency range FIF 2.048 50 MHz D *) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter 5. DC Power Consumption Test conditions (if not otherwise specified): V CC = +1.8V, Tamb = +25°C Mode Conditions Typ. Max. Unit Core Power Consumption DAB full Decode of all MSC’s and 1 audio sub-channel 80 mA |