| データシートサーチシステム |
|
PCF8562 データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8562 データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 36 page ![]() PCF8562_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 3 — 2 December 2008 8 of 36 NXP Semiconductors PCF8562 Universal LCD driver for low multiplex rates 7.4 LCD drive mode waveforms 7.4.1 Static drive mode The static LCD drive mode is used when a single backplane is provided in the LCD. The backplane (BPn) and segment drive (Sn) waveforms for this mode are shown in Figure 4. (1) Vstate1(t) = VSn(t) − VBP0(t). (2) Von(RMS) = VLCD. (3) Vstate2(t) = VSn+1(t) − VBP0(t). (4) Voff(RMS) = 0 V. Fig 4. Static drive mode waveforms mgl745 VSS VLCD VSS VLCD VSS VLCD VLCD −VLCD −VLCD VLCD state 1 0 V BP0 Sn Sn+1 state 2 0 V (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 1 (on) state 2 (off) Tfr |