データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8534AU/DA/1 データシート(PDF) 23 Page - NXP Semiconductors

部品番号 PCF8534AU/DA/1
部品情報  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534AU/DA/1 データシート(HTML) 23 Page - NXP Semiconductors

Back Button PCF8534AU/DA/1 Datasheet HTML 19Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 20Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 21Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 22Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 24Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 25Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 26Page - NXP Semiconductors PCF8534AU/DA/1 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
PCF8534A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2008
23 of 44
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
[1]
The bank select command has no effect in 1:3 or 1:4 multiplex drive modes.
1 to 0
M[1:0]
LCD drive mode selection
01
static; 1 backplane
10
1:2 multiplex; 2 backplanes
11
1:3 multiplex; 3 backplanes
00
1:4 multiplex; 4 backplanes
Table 11.
Load data pointer command bit description
See Section 7.11.
Bit
Symbol
Value
Description
7
-
0
fixed value
6 to 0
P[6:0]
000 0000 to
011 1011
7-bit binary value of 0 to 59
Table 12.
Device select command bit description
See Section 7.12.
Bit
Symbol
Value
Description
7 to 3
-
1 1100
fixed value
2 to 0
A[2:0]
000 to 111
3-bit binary value of 0 to 7
Table 13.
Bank select command bit description
See Section 7.10, Section 7.11, Section 7.12, Section 7.13 and Section 7.14.
Bit
Symbol
Value
Description
Static
1:2 multiplex[1]
7 to 2
-
11 1110
fixed value
1I
input bank selection: storage of arriving display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
0O
output bank selection: retrieval of LCD display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
Table 10.
Mode set command bit description …continued
Bit
Symbol
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44